PART |
Description |
Maker |
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BD206 BD208 |
10 AMPERE POWER TRANSISTOR PNP SILICON
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
MJE15030 MJE15031 MJE15029 MJE15028 ON2012 |
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS 8 A, 150 V, PNP, Si, POWER TRANSISTOR, TO-220AB From old datasheet system SEMICONDUCTOR TECHNICAL DATA
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJH11019G MJH11018G |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 200 V, PNP, Si, POWER TRANSISTOR, TO-218 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 150 V, NPN, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|
2N4399 |
PNP Silicon High-Power Transistor(60V(集电极-发射极)硅PNP大功率晶体管) 30 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
2N5883 |
Complementary Silicon PNP Power Transistor(25A00W0V(集电极-发射极),补偿型PNP功率晶体 25 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
MJE5730 MJE5731 MJE5731A |
1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
|
Motorola, Inc
|
2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ |
Silicon PNP epitaxial planar type power transistor Silicon PNP epitaxial planar type(For low-frequency power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
|