PART |
Description |
Maker |
QIP0640001 |
Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts) 400 A, 600 V, N-CHANNEL IGBT
|
Littelfuse, Inc. POWEREX[Powerex Power Semiconductors]
|
APT50GT60BR APT50GT60SRG APT50GT60BRG |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 52; 110 A, 600 V, N-CHANNEL IGBT, TO-247AD
|
Microsemi Corporation http:// Microsemi, Corp.
|
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
2MBI400N-060-01 2MBI400N-060-01B |
IGBT(600V / 400A) Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket 400 A, 600 V, N-CHANNEL IGBT
|
http:// FUJI ELECTRIC HOLDINGS CO., LTD.
|
ILA03N60 ILD03N60 |
3 A, 600 V, N-CHANNEL IGBT, TO-220AB 4.5 A, 600 V, N-CHANNEL IGBT, TO-252AA
|
INFINEON TECHNOLOGIES AG
|
GT5G102 GT5G1022-7B5C |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT STROBE FLASH APPLICATIONS 5 A, 400 V, N-CHANNEL IGBT
|
Toshiba Semiconductor
|
PP400B060-ND |
H-Bridge POW-R-PAK IGBT Assembly 400 Amperes/600 Volts
|
Powerex Power Semiconductors
|
SPMQ496-01 |
400 AMP/600 VOLTS IGBT POWER MODULE FOR SPACE APPLICATIONS
|
SSDI[Solid States Devices, Inc]
|
RJH60F6DPK RJH60F6DPK-00-T0 |
85 A, 600 V, N-CHANNEL IGBT Silicon N Channel IGBT High Speed Power Switching
|
Renesas Electronics Corporation
|
SGF23N60UFD SGF23N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 23 A, 600 V, N-CHANNEL IGBT Ultra-Fast IGBT Discrete, High Performance IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CM75DU-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|