PART |
Description |
Maker |
36792-1201 |
MX120G Pitch Sealed Female Connector Assembly, Dual Row 12 Circuit, Black
|
Molex Electronics Ltd.
|
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
HYS64D16000GDL-6-C HYS64D32020GDL-6-C |
Network Cable Assembly; Connector Type A:T568A/B Modular Plug; Connector Type B:T568A/B Modular Plug; Cable Length:7ft; Approval Categories:Augmented Category 6 standards; cord color per TIA/EIA-606 standard RoHS Compliant: Yes 200引脚小外型双列直插内存模 200-Pin Small Outline Dual-In-Line Memory Modules 200引脚小外型双列直插内存模
|
Infineon Technologies AG
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower/ Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V/ 5 V/ 12 V Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 29; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 90 kHz SWITCHING FREQ-MAX, PDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
C-DSUB-0065 |
D-SUB S/S W/W CONNECTOR(WITH ASSEMBLY
|
FCI connector
|
2008563-1 2008563-2 |
POKE IN CONNECTOR ASSEMBLY
|
Tyco Electronics
|
900-016NF25-1P1 |
Connector Assembly, Plug
|
Glenair, Inc.
|
919TC-WXY31 919TC-WXY31LF 919TC-WXY09LF 919TC-WXY2 |
CONAN CONNECTOR ASSEMBLY
|
FCI connector
|
257-003 |
Connector Receptacle Assembly
|
Glenair, Inc.
|
600-004 600-007 |
Tools for Connector/Backshell Assembly
|
Glenair, Inc.
|