PART |
Description |
Maker |
116-93-964-41-006 116-93-210-41-006 116-93-304-41- |
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:19; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Dual-in-line sockets interconnect Open frame Solder tail 双列直插式插座互连开放框架焊 9#18 FEP SH FEP RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Audio control and Instrumentaion Cable, Plenum; Conductor Size AWG:18; Jacket Material:FEP Teflon; Conductor Material:Copper; Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Cable/Wire, Multiconductor Cable, Power Electronic Cable, 9 Conductors, 20AWG, FEP Insulation, Red, 200 C, 600 V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Features:Aluminium Foil/Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 2#16 FEP SH FEP RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
BYW2750 BYW27-100 BYW27-1000 BYW27-200 BYW27-400 B |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-33K 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Silicon Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
BYW95A BYW95C BYW95 BYW95B BYW95_1 BYW95A/30 BYW95 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
UES803 BYW78-100 BYW78-150 BYW78-50 UES801 UES802 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Features:Flexible; Temperature Max:90 C; Voltage Nom.:600V Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
PIC16LF870T/PQ PIC16LF870T/PT PIC16F871T-I/P PIC16 |
12MHZ CERAMIC RES,SMT CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DS1217M 1217M DS1217M4-25 DS1217 DS1217M1_2-25 DS1 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Nonvolatile Read/Write Cartridge From old datasheet system
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
11EQ10 |
Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride (PVC); Features:Unshielded; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes SBD Low Forward Voltage drop Diode
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
BYT30P-400 -BYT30P-400 |
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes FAST RECOVERY RECTIFIER DIODES
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|