PART |
Description |
Maker |
PIC16LF870T/PQ PIC16LF870T/PT PIC16F871T-I/P PIC16 |
12MHZ CERAMIC RES,SMT CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
ST62E25 ST62T25B6/HWD ST62T10M6/SWD ST62T15M6/HWD |
(ST62T10 - ST62E25) 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER INTELLIGENT CHARACTER DISPLAYS Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:31pF/ft RoHS Compliant: Yes ; Signal Input Type:Digital 6-bit interface; Display Technology:LCD COUPLER 3DB 90DEG 1.7-2GHZ SMT ALPHA NUMERIC 1 X 8 LCD DISPLAY WITH LED BACKLIGHT AND WIDE TEMP RANGE Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Capacitance:20pF; Conductor Material:Copper; Jacket Color:Beige RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER 8位检察官办公存储器与阿微控制 D转换 CAP 8.0PF 50V .10 PF NP0(C0G) SMD-0402 TR-7 PLATED-NI/SN 8位检察官办公存储器与阿微控制 D转换 CONNECTOR ACCESSORY 连接器附
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BYT13-600 BYT13-1000 3369 BYT13-800 |
Fast Recovery Rectifier Diodes(快速恢复整流二极管) Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
LYT670-HK LYT670-J LYT670-JM LYT670-K LYT670-L Q62 |
TOPLED Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 2.4 mm TOPLED SINGLE COLOR LED, PURE GREEN, 2.4 mm TOPLED TOPLED Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric; Capacitance [nom]: 0.22uF; Working Voltage (Vdc)[max]: 50V; Capacitance Tolerance DIODE AVALNCH 1600V 40A DO-203AA DIODE AVALNCH 1600V 7A AXIAL LD ); Leaded Process Compatible:Yes; Conductor Material:Copper; Voltage Nom.:300V RoHS Compliant: Yes
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
UES803 BYW78-100 BYW78-150 BYW78-50 UES801 UES802 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Features:Flexible; Temperature Max:90 C; Voltage Nom.:600V Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:74 x 38; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
RP9.2D2 RP6D2 RP11.4E1 RP15.4F2 RP16.2E1 RP3.6A2 |
FO CERAMIC 62.5 PVC LC-LC 2M PATCH 高电压输出系 HIgh Voltage Output Series 高电压输出系 FO CERAMIC 62.5 PVC LC-LC 2M PATCH Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:6 RoHS Compliant: Yes
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power] Hirose Electric
|
SLD343YT-3 SLD343YT SLD343YT-1 SLD343YT-2 SLD343YT |
4W High Power Laser Diode 4瓦高功率激光二极管 Multiconductor Paired Computer Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4瓦高功率激光二极管 Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:100ohm; Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes
|
Sony, Corp. SONY[Sony Corporation]
|
BYW99W200 BYW99P200 BYW99P-200 BYW99 BYW99P BYW99P |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:42pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管 Sound/Security Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:70pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
11EFS4 |
Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride Low Forward Voltage drop Diode
|
Nihon Inter Electronics Corporation
|