PART |
Description |
Maker |
MS3022 |
1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
|
Microsemi Corporation
|
10AM05 |
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
2307 |
7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
|
http:// GHz Technology
|
MPA201 |
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
|
Microsemi Corporation
|
23A017 |
1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
|
New Jersey Semi-Conduct...
|
S175-50 |
175 Watts, 50 Volts, Class AB Milcom 1.5 - 30 MHz 175瓦,50伏特,AB类Milcom 1.5 - 30兆赫
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
80143 |
30V N-Channel PowerTrench MOSFET 1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
|
GHZTECH[GHz Technology]
|
2A8-2 2A8 |
0.5 Watts, 20 Volts, Class A Linear to 2000 MH 5-Pin, Multiple-Input, Programmable Reset ICs
|
List of Unclassifed Manufacturers ETC[ETC]
|
2224-6L |
2000-2400 MHz, Class C, Common Base; fO (MHz): 2400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 22; Case Style: 55LV-1 S BAND, Si, NPN, RF POWER TRANSISTOR 3.3V EconoReset 6 Watts, 22 Volts, Class C Microwave 2200-2400 MHz
|
Microsemi, Corp. GHZTECH[GHz Technology]
|
MPA201 |
Hybird Amplifier 0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier From old datasheet system
|
List of Unclassifed Manufacturers Advanced Power Technology ETC[ETC]
|
10A015 |
1.5 W, 20 V, 1000 MHz common emitter transistor 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|