PART |
Description |
Maker |
4271 PE4271-EK 4271-00 4271-01 4271-02 4271-51 427 |
SPST CATV UltraCMOS?/a> Switch DC - 3000 MHz SPST CATV UltraCMOS⑩ Switch DC - 3000 MHz SPST CATV UltraCMOSSwitch DC - 3000 MHz SPST CATV UltraCMOS?/a> Switch DC - 3000 MHz SPST CATV UltraCMOS Switch DC - 3000 MHz
|
Peregrine Semiconductor Cor... PEREGRINE[Peregrine Semiconductor Corp.] http://
|
PE4270-EK 4270 4270-00 4270-01 4270-02 4270-51 427 |
SPST CATV UltraCMOS?/a> Switch DC - 3000 MHz SPST CATV UltraCMOS Switch DC - 3000 MHz SPST CATV UltraCMOS⑩ Switch DC - 3000 MHz
|
http:// ICST[Integrated Circuit Systems]
|
NTGD4169F NTGD4169FT1G |
30V 2.9A N-Ch with Schottky Barrier Diode TSOP6 Power MOSFET and Schottky Diode 30 V, 2.9 A, N−Channel with Schottky Barrier Diode, TSOP−6
|
ON Semiconductor
|
BAS70-02W |
SENSOR VACUUM GAGE 1PSID Silicon Schottky Diode Schottky Diodes - Silicon AF Schottky diode for high-speed switching
|
INFINEON[Infineon Technologies AG]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
Q62702-A1234 |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS[Siemens Semiconductor Group]
|
SDM100K30L-7 SDM100K30L08 |
DIODE SCHOTTKY 30V 1.0A SOD323 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
NTLJF3118N NTLJF3118NTAG NTLJF3118NTBG |
Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
|
ON Semiconductor
|
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
Q67040S4647 SDT08S60 |
Silicon Carbide Schottky Diodes - 8A diode in TO220-2 package Thinq SiC Schottky Diode
|
Infineon Technologies AG
|