PART |
Description |
Maker |
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
C3D06060A |
Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
|
Cree, Inc
|
FST30050 FST30035 FST30040 FST30045 FST30035A FST3 |
Schottky Rectifier Schottky PowerMod 150 A, 35 V, SILICON, RECTIFIER DIODE, TO-244AB
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-COLORADO
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
MBRS140LT3 MBRS140LT307 MBRS140LT3G |
Surface Mount Schottky Power Rectifier 1A 40V Low Vf Schottky Rectifier ; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1 A, 40 V, SILICON, SIGNAL DIODE
|
ON Semiconductor
|
MBR4030PT1 MBR4060PT MBR4030PT MBR4035PT MBR4040PT |
RECTIFIER SCHOTTKY DUAL 40A 50V 400A-ifsm 0.8V-vf 1mA-ir TO-3P 30/TUBE 40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|