PART |
Description |
Maker |
2SC3090 0289 2SC3090M |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits From old datasheet system NPN Triple Diffused Planar Silicon Transistor For Switching Regulators
|
Sanyo Semicon Device
|
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
0459-0030-02 0459-0075-02 0459-0006-02 0459-0225-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 抽头延迟
|
Honeywell International, Inc. Littelfuse, Inc. Bel Fuse, Inc. PHOENIX CONTACT Deutschland GmbH
|
OLSG153 OLSYG116 OLSO153 |
Optoelectronic SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 光电
|
Silicon Laboratories, Inc.
|
0446-0500-01 0446-0500-50 0446-0500-02 0446-0150-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC Logic IC 逻辑IC
|
Air Cost Control ITT, Corp. Bel Fuse, Inc.
|
0454-0010-01 0454-0015-01 0454-0100-01 0454-0007-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC
|
ITT, Corp. Pulse Engineering, Inc.
|
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
2SC3082KN 2SC3082KQ 2SC3082KM 2SC3082KP 2SC4100N |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 19V V(BR)CEO | 50MA I(C) | SOT-23VAR 晶体管|晶体管| npn型| 19伏特五(巴西)总裁| 50mA的一(c)|的SOT - 23VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 19伏特五(巴西)总裁| 50mA的一(c)|的SOT - 23VAR
|
TOKO, Inc. M.H. Rhodes/Cramer Company
|
OM6028SC OM6027SC OM6026SC OM6025SC OM6031SC OM603 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package 1000V Single N-Channel Hi-Rel MOSFET in a TO-259AA package 400V Single N-Channel Hi-Rel MOSFET in a TO-259AA package POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 22A I(D) | TO-259AA TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 10A I(D) | TO-258AA 1000V, N-Channel, 10Amp MOSFET, High Energy Capability(1000V , 10A,N沟道,MOS场效应管(高能容量)) 400V, N-Channel, 24Amp MOSFET, High Energy Capability(400V , 24A,N沟道,MOS场效应管(高能容量)) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 24A条(丁)|59AA SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 24A条(丁)|58AA Isolated Hermetic Metal Package
|
International Rectifier ETC List of Unclassifed Manufacturers Omnirel Microsemi, Corp. Wieland Electric, Inc.
|
2SC2632 2SC2632R |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Transistor
|
Matsshita / Panasonic
|
2SC2958-T 2SC2959-T 2SC2958K |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Silicon transistor
|
NEC
|
0447-0040A3 0447-0060A3 0447-0050A3 0447-0090A3 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC
|
Air Cost Control
|