PART |
Description |
Maker |
029707.5 0297002 0297003 0297004 0297005 0297010 0 |
MINI Blade Fuse Rated 32V
|
LITTELFUSE[Littelfuse]
|
0257001.PXPV 0257002.PXPV |
ATO? Blade Fuse Rated 32V
|
Littelfuse
|
142.6185.4402 142.6185.4406 142.6185.5156 142.6185 |
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts TAC ATO STYLE BLADE FUSE RATED 58V Copper alloy, gal. Sn plated
|
Littelfuse
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
178-4252-000 178.6116.250 178.6191.000 178.4250.00 |
Blade Fuse Holders - FKH Stackable Fuse Holder
|
Littelfuse
|
Z402L Z403L Z404 Z403LR |
FUSE CLIP, FOR 3AG FUSES W/O STOP, PCB MNT., TIN PLATED Fuse Holder; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes TRANSFORMER VARIABLE OPEN 3A Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Copper Alloy; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:32V Fuse Holder; Fuse Size/Group:Mini; Mounting Type:In-Line; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Tin; Current Rating:30A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
保险丝支架,夹子&硬件
|
0740266110 0740266110-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
|
Molex Electronics Ltd.
|
0740266330 0740266330-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 10.50mm Blade 1, 10.50mm Blade 2
|
Molex Electronics Ltd.
|
0740266430 0740266430-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 10.50mm Blade 2
|
Molex Electronics Ltd.
|
142.6885.520 |
500mA,80V,Blade Fuse
|
Pudenz
|
213-R |
Class H/K, J and R ferrule and blade fuse reducers
|
Eaton All Rights Reserv...
|
BCW33LR BCW32LR BCW33RL BCW60A |
NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AA FUSE 100A 32V MIDI BOLT-ON Fuse Holder; Mounting Type:PC Board; Body Material:Phenolic; Contact Plating:Tin; Current Rating:20A; Leaded Process Compatible:Yes; Voltage Rating:125V SMALL SIGNAL TRANSISTOR, TO-236AB
|
VISHAY SPRAGUE
|