PART |
Description |
Maker |
SBR40U60CT |
RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 20 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
SBR40U45PT |
Super barrier rectifier RECTIFIER SBR DUAL 40A 45V 300A-ifsm 560mV-vf 0.5mA-ir TO-247 50/TUBE 40 A, 45 V, SILICON, RECTIFIER DIODE
|
List of Unclassifed Manufacturers ETC Diodes, Inc.
|
SBR4045CTFP |
40A SBR Super Barrier Rectifier 20 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
SBR4045CT SBR4045CTFP |
40A SBR Super Barrier Rectifier
|
Diodes Incorporated
|
SBR4040CTFP SBR4040CT |
40A SBR Super Barrier Rectifier
|
Diodes Incorporated
|
PIC16CR83T-04/P PIC16F83T-04/P PIC16LCR83T-04/P PI |
RECTIFIER SBR DUAL 10A 60V 120A-ifsm 680mV-vf 0.5mA-ir TO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 18-pin Flash/EEPROM 8-Bit Microcontrollers 18引脚闪存/ EEPROM8位微控制 DISCR RAD FOR ROHM BH4126FV 18引脚闪存/ EEPROM位微控制 DISCR SMD FOR PHILIPSTEA5757 18引脚闪存/ EEPROM位微控制 DISCR RAD FOR PHILIPS SA636DK 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 10A 100V 150A-ifsm 670mV-vf 0.2mA-ir D2PAK 50/TUBE 18引脚闪存/ EEPROM位微控制 18-pin Flash/EEPROM 8-Bit Microcontrollers 18引脚闪存/ EEPROM位微控制 IC PLL CLOCK DRIVER 3.3V 100MHZ -40 85C 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 10A 60V 150A-ifsm 480mV-vf 0.5mA-ir ITO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 20A 100V 150A-ifsm 820mV-vf 0.1mA-ir TO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 P-CHANNEL SILICON JUNCTION FET TO72 18引脚闪存/ EEPROM位微控制 CAT 5E CROSSOVER, BLUE 15 FT PATCH CABLE CAP.47 MF 50V CER RAD INDUCTOR, AXIAL, 9.0UH; Inductor type:Choke; Inductance:9uH; Tolerance, inductance: /-20%; Resistance:0.012R; Current, DC max:6A; Frequency, resonant:150MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes FILTER TH CERAMIC 455KHZ 20KHZ BW PIEZO FILTER,EMI.LC,40 DB@1MHZ-1GHZ,50V,TH FILTER TH CERAMIC 455KHZ 14KHZ BW PIEZO POWER QUICC -NO PB 18-pin Flash/EEPROM 8-Bit Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
SBR60A150PT |
RECTIFIER SBR DUAL 60A 150V 350A-ifsm 930mV-vf 0.1mA-ir TO-247 50/TUBE 60 A, 150 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc.
|
60CDQ SD241 40CDQ 40CDQ20 40CDQ30 40CDQ35 40CDQ40 |
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS V(rwm): 20V; 40A dual schottky center tap rectifier V(rwm): 30V; 40A dual schottky center tap rectifier V(rwm): 30V; 60A dual schottky center tap rectifier V(rwm): 40V; 60A dual schottky center tap rectifier
|
IRF[International Rectifier]
|
SBR20150CT |
RECTIFIER SBR DUAL 20A 150V 150A-ifsm 880mV-vf 0.1mA-ir TO-220AB 50/TUBE
|
DIODES INC
|
SBR3U30P1-7 |
3.0A SBR Super Barrier Rectifier PowerDI TM 123 3 A, 30 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc.
|
SBR2060CT |
20A SBR Super Barrier Rectifier 10 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
NXP Semiconductors N.V.
|
|