PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
MMBTA43 MMBTA42 |
TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, PLASTIC PACKAGE-3, BIP General Purpose Small Signal 500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Vishay Semiconductors
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
UPA800T UPA800T-T1 UPA800T-KB |
2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 2 CHANNEL, L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC[NEC]
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC144VUA-7 DDTC123JUA-7 DDTC143XUA-13 |
TRANS PREBIASED NPN 200MW SOT323 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
MMDTA42-7-F |
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 500 mA, 300 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|