PART |
Description |
Maker |
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSS192 Q62702-S634 |
SIPMOS ? Small-Signal Transistor SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level) 150 mA, 240 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG NXP Semiconductors N.V.
|
SP0610LE-6288 BSS129E-6325 BSS149E-6288 |
180 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 350 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
SD5001 SD5401 SD5402 SD5402CY SD5400CY SD5000N XSD |
30.5mm Hole Pushbutton Enclosure; NEMA Type:12, 13; Enclosure Material:Steel; Enclosure Color:Gray; No. of Contacts:5 RoHS Compliant: Yes 50 mA, 15 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET High-Speed DMOS Quad FET Analog Switch Arrays 50 mA, 20 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Magnet-Schultz of America, Inc. Calogic LLC CALOGIC[Calogic, LLC]
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BSP129 Q67000-S314 Q67000-S073 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 0.19 A, 240 V, 20 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
NTJD4401NT1 |
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection 630 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
2SJ289JFTD 2SJ189-TL 2SK1839JJTL |
0.5 A, 100 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET PCP, SC-62, 3 PIN 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251 100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DOMINANT Opto Technologies Sdn. Bhd.
|
|