PART |
Description |
Maker |
LC875132A LC875148A LC875164A |
8-Bit Single Chip Microcontroller with 64/48/32K-Byte EPROM and 1024-Byte RAM On Chip CMOS IC 8-BIT SINGLE CHIP MICROCONTROLLER WITH 64/48/32K-BYTE ROM AND 1024-BYTE RAM ON CHIP
|
SANYO[Sanyo Semicon Device]
|
LC87F7H32A |
32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
W24258S-70LL W24258-70LL W24258Q-55LL W24258Q-70LL |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 55 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
ENA0956A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F40C8A |
Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704×10-bit CRT Display RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H92A LC871HC4A |
CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H96A LC871HC8A |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IC62C256 IC62C256-45T IC62C256-45TI IC62C256-45U I |
70ns; 5V; 32K x 8 low power CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 45ns; 5V; 32K x 8 low power CMOS static RAM
|
Integrated Circuit Solution... ICSI[Integrated Circuit Solution Inc]
|
STK16C88 STK16C88-35 STK16C88-45 STK16C88-25 STK16 |
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 32K x 8 AutoStorePlusnvSRAM QuantumTrapCMOS Nonvolatile Static RAM 32K的8 AutoStorePlus⑩⑩非易失QuantumTrap的CMOS非易失性静态随机存储器
|
Electronic Theatre Controls, Inc.
|