PART |
Description |
Maker |
KF147S KF147 |
100MHz Band Paging System SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER) 声表面波滤波器(带通滤波器规格接收无线传呼机的电路
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
KF325AS |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER) 300MHz Band Paging System
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
EL5370IU-T7 EL5170IYZT13 EL5170IYZ EL5170IY-T13 EL |
Intersil From old datasheet system 100MHz Differential Twisted-Pair Drivers 100MHz的差分双绞线驱动 100MHz Differential Twisted-Pair Drivers TRIPLE LINE DRIVER, PDSO24 100MHz Differential Twisted-Pair Drivers LINE DRIVER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
W93910 |
ERMES(Enhanced Radio Emessage System) Paging Protcol Decoder(增强的无线电子信息系统寻呼解码器)
|
Winbond Electronics Corp
|
R1005300L |
Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
LT1812IS6TRMPBF LT1812CS6TR LT1812IS5PBF LT1812CS8 |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
W83194R-17 W83194R-17/-17A W83194R-17A |
100MHZ AGP CLOCK FOR SIS CHIPSET 100MHz SiS 5595, 5598 Clock Gen.
|
Winbond Electronics
|
W83194R-39/-39A W83194R-39A |
100MHz/133 MHz Intel BX/ZX, VIA PC133 Clock Gen., 3-DIMM, with S.S.T. 100MHZ 3-DIMM CLOCK
|
Winbond Electronics
|
CY2281 |
100MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs From old datasheet system
|
Cypress
|
EL2045 EL2045CS-T13 EL2045CS-T7 |
Op Amp, 100MHz, Gain-of-2 Stable, Low Power 5.2mA, SR=275V/s, Dual or Single Supply (36V) Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
|
Intersil Corporation
|