PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRL640S IRL640STRL IRL640STRR |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLI540N |
HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRLI2203N 2308 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRFI9Z34G IRFI9Z34GPBF |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFI9Z24N |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET Power MOSFET
|
International Rectifier
|
IRFIZ24G IRFIZ24GPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|