PART |
Description |
Maker |
HUM2001 HUM2005 HUM2020 HUM2015 HUM2005C HUM2010B |
Pin Diode High Power Stud SILICON, PIN DIODE
|
MICROSEMI[Microsemi Corporation]
|
MA4P4301 MA4P7102 MA4P7101 MA4P7104 MA4P4001 MA4P4 |
600 V, High power PIN diode High Power PIN Diodes
|
MA-Com Tyco Electronics
|
HSDL-5400031 HSDL-54001L1 |
High-Performance IR PIN Photodiode in Subminiature SMT Package, Z Bend, Tape & Reel PIN PHOTO DIODE High-Performance IR PIN Photodiode, Subminiature SMT Pack, Bulk, Thru-hole, Long Leads PIN PHOTO DIODE
|
Lite-On Technology, Corp.
|
SLD324ZT-21 SLD324ZT |
High-Power Density 2W Laser Diode 798 nm, LASER DIODE M-272, 12 PIN
|
SONY NXP Semiconductors N.V.
|
BAR63-03 BAR63-03W Q62702-A1025 BAR6303W |
Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz) 硅PIN二极管(PIN码的高速开关二极管的射频信号的频率高达3 GHz的低正向电阻极低的电容) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SKY12213-478LF |
150 W High Power Silicon PIN Diode SPST Switch
|
Skyworks Solutions
|
4P7006F MA4P7006F |
High Average Power SMQ PIN Diode Search --To MA4P7006F
|
M/A-COM
|
MADR-008851-000100-15 |
PIN Diode Driver for Series / Shunt High Power Switches
|
M/A-COM Technology Solu...
|
X40020V14I-C X40020V14I-B X40020V14I-A |
DIODE, STANDARD, 95A, 400V, STUD; Voltage, Vrrm:400V; Current, If av:95A; Case style:E12; Current, Ifs max:700A; Diode type:Standard recovery; Polarity, diode:Stud Anode; Thread size:M8; Voltage, forward at If:1.5V RoHS Compliant: Yes Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):50A; Non Repetitive Forward Surge Current Max, Ifsm:700A; Forward Voltage Max, VF:1.6V; Package/Case:SO-32B DIODE, STUD 50A 1200VDIODE, STUD 50A 1200V; Voltage, Vrrm:1200V; Current, If av:50A; Current, Ifs max:700A; Voltage, forward at If:1.6V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Anode
|
Intersil Corporation
|
1N3163 1N3162 1N3174 1N3176 1N3166 1N3167 |
Diode Switching 150V 240A 2-Pin DO-9 Diode Switching 100V 240A 2-Pin DO-9 Diode Switching 1KV 300A 2-Pin DO-9 Diode Switching 1.4KV 240A 2-Pin DO-9 Diode Switching 300V 240A 2-Pin DO-9 Diode Switching 350V 240A 2-Pin DO-9
|
New Jersey Semiconductor
|
SXM63B SXM33B SXM63C |
PIN DIODE RF POWER SWITCH AND ATENUATOR SILICON, PIN DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
02CZ5.6-X 02CZ6.8-Y 02CZ2.7-X 02CZ5.6-Y 02CZ9.1-Z |
3.9 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 5.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 22.73 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 4.645 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 3.675 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 3.985 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 4.24 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 7.93 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 1.95 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 8.195 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 4.935 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 7.01 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 5.27 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 8.75 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 5.105 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 9.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 9.35 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 5.62 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 6.81 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN 5.465 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SC-59, TO-236MOD, 3 PIN
|
NXP Semiconductors N.V. Solid State Devices, Inc. Toshiba, Corp. NIC Components, Corp.
|
|