PART |
Description |
Maker |
HI327601 HI3276JCQ HI3276 |
8-Bit, 160MSPS, Flash A/D Converter
|
INTERSIL[Intersil Corporation]
|
CXA3286R |
8-bit 160MSPS Flash A/D Converter
|
SONY
|
CXA3286 CXA3286R |
From old datasheet system 8-bit 160MSPS Flash A/D Converter
|
SONY[Sony Corporation]
|
HCS361 HCS361-SN HCS361-P HCS361-ISN |
IC CONV AC/DC -5V 500MA SIP12 IC AC/DC CONV 12V 350MA SIP12 IC CONV AC/DC -5V 100MA SIP9 IC CONV AC/DC -12V 90MA SIP9 而Keeloq跳码编码
|
Microchip Technology Inc. Microchip Technology, Inc.
|
HCS360 HCS360-ISN HCS360-SN HCS360-IP MICROCHIPTEC |
IC AC/DC CONV 15V 200MA SIP12 IC AC/DC CONV -12V 300MA SIP12 IC CONV AC/DC -12V 500MA SIP12 而Keeloq跳码编码 IC AC/DC CONV 24V 200MA SIP12 而Keeloq跳码编码
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
ATTINY25V-10MUR ATTINY45-20XUR ATTINY85V-10PU |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-8 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel, Corp.
|
LPC2368FET100518 LPC2364FET100518 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA100
|
NXP Semiconductors N.V.
|
K9WAG08U1A-I K9WAG08U1A-Y K9NBG08U5A K9NBG08U5A-P |
2G X 8 FLASH 2.7V PROM, 20 ns, PDSO48 4G X 8 FLASH 2.7V PROM, 30 ns, PDSO48 12 X 20 MM, 0.50 MM PITCH, LEAD FREE, PLASTIC, TSOP1-48 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
|
SEMIKRON http:// Samsung semiconductor
|
AM29LV160DB-90WCC AM29LV160DB-70WCC AM29LV160DT-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 29LV160BB 16MBIT FLASH 3V TSOP-48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PBGA48 IC SM FLASH 1MX16 120NS 3.3V 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
|