PART |
Description |
Maker |
FST162861MTD FST162861 |
20-Bit Bus Switch with 25W Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVXZ161284 74LVXZ161284MTX 74LVXZ161284MEX 74LVX |
2K, 258 X 8 or 128 X 16, SER EE, -40C to 85C, 8-TSSOP, TUBE 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-MSOP, T/R BUS TRANSCEIVER|SINGLE|8-BIT|LVX-CMOS|SSOP|48PIN|PLASTIC 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-TSSOP, T/R Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
IDTQS32XVH245Q2 IDTQS32XVH245Q2G IDTQS32XVH245 QS3 |
3.3V 16-Bit Bus Switch for Hot Swap applications 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO40
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
QS32XVH2245 IDTQS32XVH2245 IDTQS32XVH2245Q2 QS32XV |
3.3V 16-Bit Bus Switch for Hot Swap Applications QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FST32211 |
Quad 12-Bit to Single 48-Bit Bus Switch (Preliminary)(Quad 12-Bit to Single 48-Bit Bus Switch 四路12位到单路48位的总线开 四路12位的8位总线开关(初步)(12位的8位总线开关四12位到单路48位的总线开关)
|
Fairchild Semiconductor, Corp.
|
FSTU32160 FSTU32160MTDX |
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection From old datasheet system Bus Exchanger
|
Fairchild Semiconductor
|
1N5403K 1N5408K 1N5400K 1N5401K 1N5402K 1N5404K 1N |
20-Bit FET Bus Switch with -2 V Undershoot Protection 48-SSOP -40 to 85 3 A, 800 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 500 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 300 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-204AC Standard silicon rectifier diodes
|
SEMIKRON[Semikron International]
|
74CBTLVD3244DS |
8-bit level-shifting bus switch with 4-bit output enables DUAL 4-CHANNEL, FOUR POLE SGL THROW SWITCH, PDSO20
|
NXP Semiconductors N.V.
|
FSTU162211 FSTU162211MTD |
24-Bit Bus Switch with .2V Undershoot Protection and 25蟹 Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with .2V Undershoot Protection and 25 Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with −2V Undershoot Protection 24-Bit Bus Switch with .2V Undershoot Protection and 25з Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with -2V Undershoot Protection and 25 Ohm Series Resistors in Outputs (Preliminary)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PCA9558PW PCA9558 |
8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
|
NXP Semiconductors
|
CBT3245APW CBT3245A CBT3245ABQ CBT3245AD CBT3245AD |
CBT3245A; Octal bus switch Octal bus switch; Package: SOT764-1 (DHVQFN20); Container: Reel Pack, SMD, 7" CBT/FST/QS/5C/B SERIES, OCTAL 1-BIT DRIVER, TRUE OUTPUT, PQCC20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|