PART |
Description |
Maker |
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
MAX753 MAX753C_D MAX753CPE MAX753CSE MAX753EPE MAX |
CCFL Backlight and LCD Negative Contrast Controller CCFL Backlight and LCD Contrast Controllers Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FSFR1800XSL FSFR2100XS FSFR2100XSL FSFR1600XS FSFR |
Fairchild Power Switch (FPS? for Half-Bridge Resonant Converters HALF BRIDGE BASED PRPHL DRVR, PZFM9 SIP-9
|
http:// Fairchild Semiconductor, Corp.
|
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
GA250TD120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT HALF-BRIDGE IGBT DOUBLE INT-A-PAK
|
IRF[International Rectifier]
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
TLE5208-6G TLE5208-6 |
1-A Hex-Half-Bridge / Double Six-Driver For Automotive and Industrial Motion Control Applications(1A、十六半双六-驱动器(六高边、六低边)用于汽车和工业的动作控 1 A Hex-Half-Bridge/Double Six-Driver
|
SIEMENS AG Infineon
|
ISL6571 ISL6571CR ISL6571CR-T ISL6571EVAL1 |
MOSFET Driver with Integrated FETs, Synchronous Half-Bridge, 1MHz Freq, use with HIP6301 Controller Complementary MOSFET Driver and Synchronous Half-Bridge Switch
|
INTERSIL[Intersil Corporation]
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
VVZ12-16IO1 VVZ12-12IO1 VVZ12-14IO1 |
Three Phase Half Controlled Rectifier Bridge 12 A, 1600 V, SCR Three Phase Half Controlled Rectifier Bridge 12 A, 1400 V, SCR Power Modules/Rectifier Bridge Modules: Three Phase, Half-control Rectifier Bridges / Three Phase, Full-control
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|