PART |
Description |
Maker |
CY7C63723C |
enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller(enCoRe USB结合低速USB和PS/2外设控制 的enCoRe USB的组合低速USB和PS / 2外设控制器(的enCoRe的USB结合低速的USB和的PS / 2外设控制器)
|
Cypress Semiconductor Corp.
|
CY7C6331008 CY7C63823-XC CY7C63833-LFXC CY7C63813- |
enCoReII Low-Speed USB Peripheral Controller 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, QCC32 enCoRe II Low Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp.
|
CY7C633XX CY7C639XX |
enCoRe(TM) II Low-Speed USB Peripheral Controller
|
Cypress
|
CY7C63221A-PXC CY7C63221A-XWC CY7C63221A04 CY7C632 |
enCoRe(TM) USB Combination Low-Speed USB and PS/2 Peripheral Controller Low-speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C64315-16LKXC CY7C64315-16LKXCT CY7C64315-16LKX |
enCoRe?V Full Speed USB Controller
|
Cypress Semiconductor
|
AT43USB351M04 AT43USB351M-AC AT43USB351M |
Low-/full-speed configurable USB microcontroller with a 1.5/12/24 MIPS AVR, 5 function endpoints, 12-channel 10-bit ADC, PWM and 24 Kbytes of program ROM Full-speed/ Low-speed USB Microcontroller with ADC and PWM
|
ATMEL[ATMEL Corporation]
|
AN1182 |
USB - USING THE ST7 USB LOW-SPEED FIRMWARE
|
SGS Thomson Microelectronics
|
CY7C60323-LTXC CY7C60323-PVXC CY7C60323-LTXCT CY7C |
enCoRe III Low Voltage Wireless presenter tools enCoRe?/a> III Low Voltage Wireless presenter tools enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32 enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AT43USB351M-AC |
Full-speed/Low-speed USB Microcontroller with ADC and PWM
|
Atmel Corp.
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
USS810 USS810M-DT L-USS810M-D USS810M-D |
USB 2.0 Full-Speed/Low-Speed Transceiver
|
AGERE[Agere Systems]
|