PART |
Description |
Maker |
CAT93C46 CAT93C56U-1.8TE13 CAT93C46J-1.8TE13 CAT93 |
8K x 8 Magnetic Nonvolatile CMOS RAM 微型导线串行EEPROM FLEx36™ 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM 微型导线串行EEPROM Microwire Serial EEPROM 微型导线串行EEPROM Spread Aware, Eight Output Zero Delay Buffer SL811HS Embedded USB Host/Slave Controller 3.3V, 160-MHz, 1:12 Clock Distribution Buffer 1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM Microwire Serial EEPROM
|
Diodes, Inc. BCD Semiconductor Manufacturing, Ltd. CATALYST
|
TMC93LC46 TMC93LC56 TMC93LC57 TMC93LC66 TMC93LC86 |
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
|
List of Unclassifed Manufacturers ETC[ETC]
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
93LC86I/SN |
8K/16K 5.0V Microwire Serial EEPROM(107.41 k) 8K/16K 5.0V Microwire串行EEPROM的(107.41十一
|
Microchip Technology, Inc.
|
93LC76-ISN |
8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology
|
93LC76-IP |
8K/16K 2.5V Microwire Serial EEPROM
|
Microchip
|
93LC66AT-E_CH 93LC66AT-I_CH 93LC56BT-E_CH 93LC56BT |
1K-16K Microwire Compatible Serial EEPROMs
|
MICROCHIP[Microchip Technology]
|
ST93C06 ST93C06B1013TR ST93C06B3013TR ST93C06B6013 |
From old datasheet system 256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM 2566 × 162 × 8 MICROWIRE的串行EEPROM Microwire Serial EEPROM 微型导线串行EEPROM
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
FM25C160 FM25C160U FM25C160UE FM25C160UV FM25C160U |
SERIAL EEPROM|2KX8|CMOS|DIP|8PIN|PLASTIC 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K-Bit SPI?/a> Interface Serial CMOS EEPROM From old datasheet system 16K-Bit SPI Interface Serial CMOS EEPROM 16K-Bit SPI⑩ Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
DS21054E 24AA16 24AA16IP 24AA16ISL 24AA16ISN 24AA1 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 16K 1.8V I 2 C O Serial EEPROM 16K.8VI 2二氧化碳串行EEPROM 16K 1.8V I2C SERIAL EEPROM 16K1.8VI2CSERIALEEPROM 16K1.8VI2COSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_S |
16K SPI Bus Serial EEPROM The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ...
|
MICROCHIP[Microchip Technology]
|
CAT93C56XI-GT2 CAT93C56XI-GT3 CAT93C56XI-T2 CAT93C |
128 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4.40 MM, GREEN, MO-153, TSSOP-8 2-Kb Microwire Serial CMOS EEPROM
|
ON Semiconductor Catalyst Semiconductor
|