PART |
Description |
Maker |
FQPF9N25C FQP9N25C FQP9N25CTSTU |
250V N-Channel MOSFET 8.8 A, 250 V, 0.43 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 250V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI9N25 FQB9N25 FQB9N25TM |
250V N-Channel QFET 250V N-Channel MOSFET(漏源电压50V的N沟道增强型MOSFET) 9.4 A, 250 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRHG8214 2071 IRHG3214 IRHG4214 IRHG7214 IRHG8214N |
250V 100kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 0.5 A, 250 V, 2.4 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-036AB 250V 1000kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 250V Quad N-Channel MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET THRU-HOLE From old datasheet system
|
IRF[International Rectifier] http://
|
STS1C1S250 |
N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
MJL21193 MJL21193-D MJL21194 |
Power 16A 250V NPN Silicon Power Transistors From old datasheet system TRANSISTOR,BJT,PNP,250V V(BR)CEO,160A I(C),TO-264 Power 16A 250V PNP
|
ON Semiconductor
|
FDPF390N15A |
N-Channel PowerTrench? MOSFET 150V, 15A, 40m
|
Fairchild Semiconductor
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
STD16NF25 STP16NF25 STF16NF25 |
N-channel 250V - 0.195ヘ - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET⑩ II Power MOSFET N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET II Power MOSFET N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET?/a> II Power MOSFET N-channel 250V - 0.195楼? - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET垄芒 II Power MOSFET
|
http:// STMicroelectronics
|
NJG1553BF NJG1553BF-C1 NJG1553BF-C2 NJG1553BF-C3 N |
1.9ghZ band mixer gAaS mmic DIODE TVS 600W SMB GaAs MMIC Mixer IC With Built-in Local Amplifier for 1.9GHz PCS Applications(用于1.9GHz频带PCS型蜂巢电话的砷化镓单片微波集成电路混频器(内置本机放大) TVS UNIDIRECT 1500W 11V SMC TVS BIDIRECT 1500W 110V SMC TVS UNIDIRECT 1500W 100V SMC TVS UNIDIRECT 10V 1500W SMC TVS ZENER BIDIRECT 1500W 10V SMC TVS ZENER BIDIRECT 600W 90V SMB TVS UNIDIRECT 1500W 110V SMC
|
http:// NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
UF3N25Z |
3A 250V N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES
|
TSM600N25E |
250V N-Channel Power MOSFET
|
Taiwan Semiconductor Co...
|
|