PART |
Description |
Maker |
AAT3110 AAT3110-33 AAT3110IGU-33-T1 AAT3110IGU-5-T |
MicroPower?/a> Regulated Charge Pump MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LX1882-33CDM LX1882-33CDU LX1882-00CDM LX1882-00CD |
Charge Pump Doubler with Linear Regulator Charge Pump 电荷
|
Microsemi Corporation Microsemi, Corp.
|
AAT3141 AAT3141ITP-T1 |
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 高效1x/1.5x/2x电荷泵白光LED应用 High Efficiency 1x/1.5x/2x Mode Charge Pump for White LED Applications From old datasheet system
|
Advanced Analogic Technologies, Inc.
|
MAX3355EEUD MAX3355EEBC-T MAX3355E MAX3355EEBCT MA |
±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA12 5kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP ±15kV ESD保护、USB On-the-Go电荷泵与比较器,UCSP封装 ±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AAT3140 |
High Efficiency 1x/1.5x/2x Mode Charge Pump for White LED Applications
|
Analogic Tech
|
SC628AULTRT SC628AEVB |
LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
|
Semtech Corporation
|
MAX865 MAX865EUA MAX865C_D MAX865C/D |
Hex Inverters 14-CDIP -55 to 125 Compact Dual-Output Charge Pump Compact, Dual-Output Charge Pump
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
SC1460 SC1460CSK-3.3TR SC1460CSK-5.0TR |
5mA CAPLESS CHARGE PUMP 3.3V 5 mA capless charge pump 5.0V 5 mA capless charge pump
|
Semtech
|
LTC1751 LTC1751EMS8 LTC1751EMS8-3.3 LTC1751EMS8-5 |
Micropower, Regulated Charge Pump DC/DC Converters" Micropower, Regulated Charge Pump DC/DC Converters 微功耗,稳压电荷DC / DC转换
|
LINER[Linear Technology] Linear Technology, Corp.
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
HX5186-B |
Charge Pump Controller
|
Himax
|