PART |
Description |
Maker |
SDR951S1 SDR950S1 |
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 150 V, SILICON, RECTIFIER DIODE 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
SDR620CT_CAP6 SDR621CT_CAP6 SDR622CT_CAP6 SDR622CT |
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
|
Solid States Devices, I... Solid States Devices, Inc
|
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
2SC1623 |
High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
|
MAKO SEMICONDUCTOR CO.,...
|
STW75NF20 |
N-channel 200 V, 0.028 Ohm typ., 75 A STripFET(TM) Power MOSFET in TO-247 package
|
ST Microelectronics
|
APG2C1-375-E |
Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
|
Roithner LaserTechnik GmbH
|
2SA812 |
High DC Current Gain: hFE = 200 TYP. (VCE = -6.0 V, IC = -1.0 mA) High Voltage: VCEO = -50 V
|
TY Semiconductor Co., Ltd
|