PART |
Description |
Maker |
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
BMB0805A-110 BMB0603A-121 BMB0603A-600 BMB0603A-80 |
1 FUNCTIONS, 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] http://
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
CPD07 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CHF5KP30A CHF5KP50A CHF5KP110CA MSC0997 CHF5KP65A |
Patented Flip Chip Series FLIP CHIP TVS DIODES From old datasheet system Transient Voltage Suppressor 瞬态电压抑制器 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE FLIP CHIP-2
|
MICROSEMI[Microsemi Corporation] Atmel, Corp. Microsemi, Corp. Vishay Intertechnology, Inc.
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
25C320E/P 25C320E/SN 25C320E/ST 25C320E/ST14 25LC3 |
Fuses, 750mA 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 2A 125V F CHIP 1206 32K的SPI总线串行EEPROM SENSOR REFLECTIVE OBJECT 50MA 32K的SPI总线串行EEPROM LED 525NM ROUND GREEN 3MM 32K的SPI总线串行EEPROM 32K SPI Bus Serial EEPROM 32K的SPI总线串行EEPROM Fuses, 4A 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 5A 125V F CHIP 1206 IC Socket Test Clip Connector Type:Plunger Type RoHS Compliant: Yes SENSOR PHOTOLOGIC REFLECTIVE Transformers Only Module Connector Adapter; Convert From:Phone Jack; Convert To:Double Banana Plug; Body Material:Brass; Body Style:Straight RoHS Compliant: Yes Fuses, 375mA 125V F CHIP 1206 Binding Post; Current Rating:3A; Body Material:Phosphor Bronze; Color:Black; Voltage Rating:2500V Fuses, 1.25A 125V F CHIP 1206 Fuses, 1A 125V F CHIP 1206 Fuses, 3.5A 125V F CHIP 1206 Filter Module w/out Resistor Network Fuses, 1.5A 125V F CHIP 1206 Fuses, 2.5A 125V F CHIP 1206
|
Microchip Technology, Inc. Microchip Technology Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
|