PART |
Description |
Maker |
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
FMMT6517 FMMT6517TA FMMT6517-15 |
NPN High Voltage Transistor 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT23 NPN SILICON PLANAR SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated List of Unclassifed Manufac...
|
N5027-X-TA3-T N5027-X-TF3-T N5027L-X-TF3-T N5027-R |
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
ST13003 ST130003 |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 1.5A I(C) | SOT-32 HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ULB122 ULB122G-XX-TM3-T ULB122G-B6-TM3-T |
NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR 0.8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-251
|
UNISONIC TECHNOLOGIES CO LTD
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SC3906K 2SC4102 2SC2389S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-voltage Amplifier Transistor(120V 50mA) Transistors
TRANSISTOR|BJT|NPN|120VV(BR)CEO|50MAI(C)|SOT-23VAR
High-voltage Amplifier Transistor(120V/ 50mA) High-voltage Amplifier Transistor(120V, 50mA) 高电压放大器晶体管(120伏特0mA的)
|
Toshiba Semiconductor ROHM[Rohm] Rohm Co., Ltd.
|
2SC5077 2SC5077A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 7 A, 500 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC3978A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 2 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220F
|
Panasonic, Corp.
|