PART |
Description |
Maker |
LT1764EQ-1.5PBF LT1764EQ-1.5TR LT1764EQ-1.5TRPBF L |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology
|
NCP57152DSADJR4G NCP57152MNADJTYG NCV57152MNADJTYG |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator 1.5A Very Low-Dropout (VLDO) Fast Transient Response Regulator
|
ON Semiconductor
|
NCP176AMX300TCG |
Fast Transient Response Low Voltage 500 mA LDO
|
ON Semiconductor
|
LT1764AMPQTR LT1764AEQ-1.8TRPBF LT1764AEQ-1.5PBF L |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology
|
TPS75801KT |
FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
|
TI
|
GM71C4400ELJ-80 GM71C4400E-80 GM71C4400E-60 GM71C4 |
Replaced by TPS79630,REG104-A : Single Output LDO, 1.0A, Fixed(3.0V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(3.3V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 1,048,576字×位组织 1,048,576 Words x Bit Organization 1,048,576字×位组织
|
LG Corp. LG, Corp.
|
LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT |
3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor
|
NCV59151MN18TYG NCV59150DS18R4G NCV59151DS25R4G NC |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
|
ON Semiconductor
|
NCV59302 NCP59302 |
3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series 3.0A Very Low-Dropout (VLDO) Fast Transient Response Regulator series 3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|
LT1963-3.3 LT1963-1.8 LT1963-1.5 1963AF |
1.5A, Low Noise, Fast Transient Response LDO Regulators From old datasheet system
|
Linear
|
MC33560 |
Single Output LDO, 400mA, Fixed(3.0V), Low Noise, Fast Transient Response 8-MSOP -40 to 85 电源管理和接口芯片的智能卡阅读器和耦合
|
ON Semiconductor
|
27C2000 MX27C2000 MX27C2000MC-10 MX27C2000MC-12 MX |
2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDSO32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PDIP32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 256K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 85 256K X 8 OTPROM, 45 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 Single Output LDO, 3.0A, Fixed(3.3V), Fast Transient Response, Reverse Current Protection 5-DDPAK/TO-263 -40 to 85
|
MACRONIX INTERNATIONAL CO LTD PROM Macronix International Co., Ltd. MCNIX[Macronix International]
|
|