PART |
Description |
Maker |
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22281EA-90-PBS MB84VD22282EA-90-PBS MB84VD22 |
Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 8M(x8/x16) static RAM 32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
|
Fujitsu Microelectronics
|
MB84VP23481FK-70 MB84VP23481FK-70PBS |
64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
|
Spansion Inc.
|
MB84VP2449 MB84VP24491HK MB84VP24491HK-70PBS |
128M (X16) FLASH MEMORY 32M (X16) Mobile FCRAMTM
|
Fujitsu Media Devices Limited
|
MB84VD22280FA-70PBS |
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
|
Spansion Inc.
|
MB84VD22194FM-70PBS MB84VD22184FM-70PBS |
32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
|
Spansion Inc.
|
LRS1383F |
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
|
Sharp Electrionic Components
|
LH28F320BFE-PBTL60 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F320BFB-PBTL60 |
32M (x16) Flash Memory
|
Sharp Corporation
|
LH28F320BFHE-PBTL60 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
M36W416TG-ZAT M36W416BGZA M36W416BG70ZA1T M36W416B |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
ST Microelectronics
|