PART |
Description |
Maker |
IRF1405ZLPBF IRF1405ZPBF IRF1405ZSPBF |
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9mΩ , ID = 75A ) AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9mヘ , ID = 75A )
|
International Rectifier
|
IRF1405ZSPBF |
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m, ID = 75A )
|
International Rectifier
|
IRFP064N IRFP064NPBF |
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A) Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A?)
|
IRF[International Rectifier] Power MOSFET
|
IRF1010N IRF1010NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?
|
International Rectifier
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRF5YZ48CM IRF5YZ48CM-15 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*) 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
IRF[International Rectifier]
|
IRLZ34NLPBF IRLZ34NSPBF |
Fast Switching HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035ヘ , ID = 30A ) HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035Ω , ID = 30A )
|
International Rectifier
|
IRF5M3205 |
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A) THRU-HOLE (TO-254AA) 55V, N-CHANNEL
|
IRF[International Rectifier]
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRF5305L IRF5305S |
Power MOSFET(Vdss=-55V/ Rds(on)=0.06ohm/ Id=-31A) Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
|
IRF[International Rectifier]
|