PART |
Description |
Maker |
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
GET4870 GET4871 MPS2906A GES2906A GES2904 GES2905A |
UNIJUNCTION TRANSISTOR|5UA I(P)|TO-18VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 350MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 600MA I(C) | TO-92 晶体管|晶体管|进步党| 40V的五(巴西)总裁| 600毫安一(c)|2 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 600MA I(C) | TO-92 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 600毫安一(c)|2 UNIJUNCTION TRANSISTOR|2UA I(P)|TO-92 单结晶体管|五成一(规划)|2
|
Cornell Dubilier Electronics, Inc. Mitel Networks, Corp. GE Security, Inc.
|
2SB1116-T 2SB1116-T/JD 2SB1116-T/JM 2SB1116A-T 2SB |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 1A I(C) | TO-92 Silicon transistor
|
NEC
|
2N999 ST640 ST646 FT359 |
TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 500MA I(C) | CAN TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁| 10A条一(c)|3 TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3
|
STMicroelectronics N.V.
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
D42C2 D42C7 D42C6 D40E1 D42C1 D41D8 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-202 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 3A I(C) | TO-202 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 2A I(C) | TO-202AC TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 3A I(C) | TO-202 晶体管|晶体管|叩| 30V的五(巴西)总裁| 3A条一(c)|02 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | TO-202AC
|
ZF Electronics, Corp.
|
FXT2907SM FXT605SM |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 600MA I(C) | SO TRANSISTOR | BJT | DARLINGTON | NPN | 120V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|达林顿| npn型| 120伏特五(巴西)总裁| 1A条一(c)|
|
Electronic Theatre Controls, Inc.
|
2SB1572 2SB1572HY |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一(c)|43 PNP SILICON EPITAXIAL TRANSISTOR
|
NEC, Corp. NEC[NEC]
|
MMST5086 MMST5087 MMST5088 MMST5089 MMST7157 SST71 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|达林顿|叩| 40V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 EZ-USB SX2 High-Speed USB Interface Device KIT EZ-USB SX2 DEVELOPMENT IC, STATIC RAM, 512K X 8 TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | 500MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 500MA I(C) | SOT-23 Low-Cost 3.3V Zero Delay Buffer TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 50MA I(C) | SOT-23VAR PCIX I/O System Clock Generator with EMI Control Features TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 600MA I(C) | SOT-23 4-Mbit (128K x 36) Pipelined Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture KIT DEVELOPMENT EZ-USB FX2LP TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | SOT-23VAR TRANSISTOR|BJT|NPN|25VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|NPN|30VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|PNP|50VV(BR)CEO|200MAI(C)|SOT-23VAR
|
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
2SB874B 2SB874 |
Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 2A I(C) | TO-220AB 晶体管|晶体管|进步党| 60V的五(巴西)总裁|甲一(c)| TO - 220AB现有
|
Hitachi Semiconductor NEC, Corp.
|