PART |
Description |
Maker |
C8051F015 C8051F015-GQ |
8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F000 C8051F005 C8051F007 C8051F012 C8051F001 |
20 MIPS,32k Flash,256 Ram,12bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,32 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,32 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,48 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,48 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,48 MCU) 20 MIPS的,32K闪存56羊,12位ADC8引脚微控制器0 MIPS的,32K的闪速存储器56,羊2位ADC8脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,32 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,32 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC2引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC2脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,64 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC4脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,48 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC8引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC8脚微控制器) 20 MIPS,32k Flash,256 Ram,10bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,64 MCU) 20 MIPS的,32K闪存56羊,10位ADC4引脚微控制器0 MIPS的,32K的闪速存储器56,羊0位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
C8051F206 C8051F220 |
25 MIPS,8k Flash,1.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,8k 闪速存储器,1.25k Ram,12ADC,48 MCU) 25 MIPS,8k Flash,256 Ram,8bit ADC,48 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,48 MCU)
|
Cygnal Technologies
|
C8051F313 C8051F313-GM |
25 MIPS, 8 kB Flash, 10-Bit ADC, 28-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F220 |
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F045 |
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F021 |
25 MIPS, 64 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F332-GM C8051F332 |
25 MIPS, 4 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
|
http:// SILABS[Silicon Laboratories]
|
C8051F044 C8051F044-GQ |
25 MIPS, 64 KB FLASH, 10-BIT ADC, 100-PIN MIXED-SIGNAL MCU
|
SILABS[Silicon Laboratories]
|
C8051F133 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
|