PART |
Description |
Maker |
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BD37A19FVM |
Voltage Detector with Watchdog Timer
|
Rohm
|
BD99A41F |
Voltage Detector with Watchdog Timer
|
Rohm
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
ADM693A ADM691A ADM693AARN ADM693AAN ADM693AARW AD |
P Supervisor , Adjustable Reset and Watchdog Periods P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 250mA Output Current P Supervisor with Backup Battery Switchover, Adjustable Reset and Watchdog Periods, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Battery Backup and Low Vcc Status O/Ps and 250mA Output Current P Supervisor with Backup Battery Switchover, 50 ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Backup Battery and Low Vcc Status O/Ps and 100mA Output Current Microprocessor Supervisory Circuits
|
Analog Devices http://
|
ADM6821 ADM6821RART-RL ADM6821RART-RL7 ADM6822LART |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-High, Push-Pull Reset Output Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Open-Drain Reset Output
|
AD[Analog Devices]
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
ISL88011IH544Z ISL88012IH544Z ISL88013IH544Z ISL88 |
5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
|
Intersil, Corp. Intersil Corporation
|
S807SERIES S80750 S80728 |
(S807 Series) High Precision Voltage Detector From old datasheet system Series High-Precision Voltage Detector
|
Seiko
|
ISL88011 ISL88011IH522Z-TK ISL88011IH523Z-TK ISL88 |
5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
|
http:// Intersil Corporation
|
BD4930G/FVE BD4852G/FVE BD4853G/FVE BD4854G/FVE BD |
Voltage detectors > CMOS Voltage detector IC (CMOS output type) Voltage detectors > CMOS Voltage detector IC (Open Drain output type)
|
ROHM
|