PART |
Description |
Maker |
BUZ102AL C67078-S1356-A2 BUZ102ALE3045A |
N-Channel SIPMOS Power Transistor From old datasheet system SIPMOS ? Power Transistor 42 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated) 42 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SIEMENS[Siemens Semiconductor Group] Infineon Technologies AG
|
MTH40N06FI |
26 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
STMICROELECTRONICS
|
BUK7628-55T/R |
40 A, 55 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP SEMICONDUCTORS
|
MTE53N50E MTE53N50E_D ON2535 ON2534 |
From old datasheet system TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM 53 A, 500 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET
|
MOTOROLA[Motorola, Inc] ON Semi Motorola Mobility Holdings, Inc.
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
STRH100N10FSY3 |
72 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA HERMETIC SEALED PACKAGE-3
|
ST Microelectronics
|
MTW26N15E ON2689 |
TMOS POWER FET 26 AMPERES 150 VOLTS RDS(on) = 0.095 OHM 26 A, 150 V, 0.095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
FP00013K30F6201B8 FP0004 FP00021K30F9251B8 FP00022 |
VISFP00013K30F6201B8 FP1 :6201 3.3K 1% B Metal Film Resistors, Industrial, Flameproof Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1300 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 20000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT VISFP000233R0F9251EK A2V00001421814 RES Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Res Metal Film 230K Ohm 1% 1W ±150ppm/C Conformal AXL Thru-Hole T/R Film/Foil Resistor, RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 150000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 3 W, 1 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Dale Vishay Siliconix
|
BUK6218-40C |
N-channel TrenchMOS intermediate level FET 42 A, 40 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
NXP Semiconductors N.V.
|
FP00021K74F9251EA FP00023K74F9251CH FP00423K74F920 |
RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 3740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 6190 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 1820 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 120000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 2 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 1 %, 150 ppm, 47.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 5 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 2 %, 150 ppm, 30 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 5 %, 150 ppm, 30 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 1 %, 150 ppm, 30.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
PDTD113E PDTD113ET PDTD113EK PDTD113ES |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|