PART |
Description |
Maker |
SA6.5CA SA150A SA20A SA8.0A SA7.0A SA6.0A SA5.0A S |
Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
|
Pan Jit International Inc. LITTELFUSE[Littelfuse]
|
15KP66CA 15KPC |
Silicon Avalanche Diodes - Unpackaged High Power Transient Voltage Suppressors
|
LITTELFUSE[Littelfuse]
|
1KSMBJ33A 1KSMBJ75A 1KSMBJ6.8A 1KSMBJ7.5 1KSMBJ7.5 |
Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
|
LITTELFUSE[Littelfuse]
|
P4KE350A P4KE91CA P4KE100A P4KE100CA P4KE10A P4KE1 |
Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
15KP40CA |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
1N753 1N759 1N751 1N753A-1 1N4370A 1N4372A-1 1N753 |
SILICON 500 mW ZENER DIODES Standard Rectifier (trr more than 500ns) Zener Voltage Regulator Diode SILICON 500MW ZENER DIODES
|
MICROSEMI[Microsemi Corporation]
|
MZ4614-D |
500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
|
ON Semiconductor
|
1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N |
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30 MOSFET P-CH 250V 200MA SOT-89 500 mW DO-35 Glass Zener Voltage Regulator Diodes From old datasheet system Silicon-Power-Z-Diodes (non-planar technology)
|
Microsemi, Corp. Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi MOTOROLA[Motorola, Inc] Diotec Elektronische
|
SAC50-B SAC15 SAC12 SAC6.0 SAC6.0-B SAC45 SAC45-B |
Transient Voltage Suppression Diodes 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
Littelfuse http://
|
SA26A SA6.5CA SA18A SA8.0CA SA54CA SA33A SA43A SA1 |
for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 28.7K OHM 1/16W .5% 0603 SMD HS Series Hermetically Sealed Basic Switch, Single Pole Normally Open Circuitry, 15 A at 28 Vdc, Integral Lever Actuator, Leadwire Termination Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors 硅雪崩二极管- 500瓦特轴向引线型瞬态电压抑制器
|
Littelfuse, Inc.
|