PART |
Description |
Maker |
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
MKM2PCM50.1/10/63VDCROLL18.5/360 MKM2PCM50.15/10/6 |
CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.1 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 100 V, 0.22 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.22 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 100 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, MIXED (FILM PAPER), 63 V, 0.068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
The Connor-Winfield, Corp. Vishay Intertechnology, Inc. TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Stackpole Electronics, Inc.
|
SMDMP3-Y23300/20/250VACBP330 |
CAPACITOR, METALLIZED PAPER, 0.0033 uF, SURFACE MOUNT
|
Yageo, Corp.
|
MP3-Y2PCM151500/20/250VAC |
CAPACITOR, METALLIZED PAPER, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Electronic Theatre Controls, Inc.
|
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
GRM1555C1H180JA01D GRM1555C1H180JA01W GRM1555C1H18 |
180mm Paper taping 10000 330mm Paper taping 50000
|
Murata Manufacturing Co., Ltd.
|
ADM660ARU-REEL7 ANALOGDEVICESINC-ADM660ARU-REEL7 A |
CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
KA-3528SRC KA-3528SGC KA-3528EC KA-3528IT KA-3528Y |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 250V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 200V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 250V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 200V; Case Size: 30x25 mm; Packaging: Bulk 3.5 x 2.8mm SURFACE MOUNT LED LAMPS
|
Kingbright Corporation. ETC
|
131P474X01K0S02 131P474X01K0S04 131P474X01K0T02 13 |
CAPACITOR, FILM/FOIL, POLYESTER, 600 V, 0.47 uF, THROUGH HOLE MOUNT AXIAL LEADED Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
MAX6607 MAX6607IXK-T MAX6607-MAX6608 MAX6608 MAX66 |
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:20VDC; Capacitor Dielectric Material:Tantalum; Capacitance:18uF; Capacitance Tolerance: 10%; Lead Pitch:3.17mm; Leaded Process Compatible:No RoHS Compliant: No 低电压、模拟温度传感器,SC70及SOT23封装 Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:6VDC; Capacitor Dielectric Material:Tantalum; Capacitance:180uF; Capacitance Tolerance: 10%; Lead Pitch:6.35mm; Leaded Process Compatible:No RoHS Compliant: No Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
|
温度/湿度传感 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|