PART |
Description |
Maker |
W86L488 W86L488AY W86L488Y |
Host I/F SDIO/SD/MMC Bridge SD/ SDIO/ MMC MEMORY CARD BRIDGE
|
Winbond Electronics WINBOND[Winbond]
|
W86L388D |
Host I/F SD/MMC Bridge PC & Peripheral IC > Peripheral Device IC > FLASH Memory Card Bridge IC W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
|
Winbond Electronics WINBOND[Winbond]
|
FSSD0608 FSSD06 FSSD06BQX FSSD06UMX |
SD/SDIO and MMC Two-Port Multiplexer
|
Fairchild Semiconductor
|
FXL3SD206 FXL3SD206UMX |
Two-Port SDIO Mux/Demux Level-Shifting Voltage Translator; 24-UMLP SPECIALTY INTERFACE CIRCUIT, QCC24 Level Shifting Voltage Translator Two-Port SDIO MUX/DEMUX with Three Configurable Power Supplies for SDIO Device Port Expansion
|
Fairchild Semiconductor, Corp.
|
82443ZX |
Intel440ZX AGPset: Host Bridge/Controller
|
Intel Corp.
|
ATMELCORP-ATTINY24A-SSN AT90CAN128-16MN AT32UC3A32 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 32-bit AVR Microcontroller, Audio version, 256KB Flash, 144-pin, SD/SDIO Card 32-bit AVR Microcontroller, 64KB Flash, 100-pin, SD/SDIO Card, AES Crypto Module
|
ATMEL CORP Atmel, Corp.
|
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|
CY7C67300-100AI CY7C67300 |
EZ-Host Programmable Embedded USB Host/Peripheral Controller
|
CYPRESS[Cypress Semiconductor]
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
FT312D FT312D-32L1C FT312D-32Q1C FT312D-32Q1C-R FT |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. USB Android Host IC
|
Future Technology Devic...
|
LPC3200 LPC3220FET296 LPC3240FET296 |
16/32-bit ARM microcontrollers ARM926EJ-S with 128 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller ARM926EJ-S with 256 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller, Ethernet
|
NXP Semiconductors N.V.
|
TS128MRMMC |
RS-MMC
|
Transcend Information. Inc.
|