PART |
Description |
Maker |
PSMN2R0-60PS |
N-channel 60 V 2.2 mΩ standard level MOSFET in TO-220 120 A, 60 V, 0.0022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
FDV302PNL |
Digital FET,P-Channel 120 mA, 25 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
BUK663R5-55C |
N-channel TrenchMOS intermediate level FET 120 A, 55 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V.
|
STH130N10F3-2 STFI130N10F3 STF130N10F3 |
N-channel 100 V, 7.8 mOhm typ., 120 A STripFET(TM) Power MOSFET in H2PAK-2 package N-channel 100 V, 7.8 mΩ typ., 120 A STripFET?III Power MOSFET in TO-220FP, I2PAKFP, H2PAK-2 and TO-220 packages N-channel 100 V, 8 mOhm typ., 46 A STripFET(TM) Power MOSFET in I2PAKFP package
|
STMicroelectronics ST Microelectronics
|
IRFP3077PBF IRFP3077PBF-15 |
High Efficiency Synchronous Rectification in SMPS HEXFET Power MOSFET 120 A, 75 V, 0.0033 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
International Rectifier
|
STP100NF04 |
120 A, 40 V, 0.0046 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS
|
STP210N75F6 |
N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET VI DeepGATE Power MOSFET
|
STMicroelectronics
|
FDFMA2P859T |
Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20 V, -3.0 A, 120 m
|
Fairchild Semiconductor
|
STP185N10F3 |
120 A, 100 V, 0.0048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS
|
SQM120N10-09-GE3 |
120 A, 100 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
VISHAY SILICONIX
|
TP0610T-TR1-E3 |
120 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB LEAD FREE, TO-236, 3 PIN
|
Vishay Intertechnology, Inc.
|
|