PART |
Description |
Maker |
BGU7004 |
SiGe:C Low Noise Amplifier MMIC
|
NXP Semiconductors
|
MSG33001 |
SiGe HBT type For low-noise RF amplifier
|
Panasonic Semiconductor
|
MSG33002 |
SIGE HBT TYPE FOR LOW-NOISE RF AMPLIFIER
|
PANASONIC[Panasonic Semiconductor]
|
MBC13720NT1 |
SiGe C Low Noise Amplifier with Bypass Switch
|
Freescale Semiconductor, In...
|
HMC548LP3 HMC548LP3E |
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
|
Hittite Microwave Corporation
|
MAX2644 MAX2644EXT-T MAX264403 |
2.4GHz SiGe, High IP3 Low-Noise Amplifier 2.4GHz SiGe / High IP3 Low-Noise Amplifier
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX2645EUB MAX2645 |
3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
|
MAXIM[Maxim Integrated Products]
|
BGA622 |
Silicon MMICs - SiGe Ultra Low Noise Amplifier G = 15dB, NF=1.1dB, 50Ohm, SOT343
|
Infineon
|
GS8170LW36C-250 GS8170LW72C-200 GS8170LW72C-300 GS |
Low-Noise Operational Amplifier 8-SOIC -40 to 85 18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM Low-Noise Operational Amplifier 8-PDIP -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM Low-Noise Operational Amplifier 8-SO -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM
|
Electronic Theatre Controls, Inc.
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
NESG220033 NESG220033-A NESG220033-T1B NESG220033- |
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
|
NEC
|
NESG240033 NESG240033-A NESG240033-T1B NESG240033- |
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
|
NEC
|