PART |
Description |
Maker |
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
D221RPI D202RPI D201RPI D225RPI D203RPI D204RPI D2 |
2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters D200RPI Series / DC/DC Converters
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] MicroPower Direct List of Unclassifed Manufacturers
|
MAX130 MAX130ACPL MAX130ACQH MAX130AEPL MAX130AEQH |
3? Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Reference 3? Digit A/D Converters with Bandgap Refrence 3Digit A/D Converters with Bandgap Refrence LJT 55C 55#22D PIN PLUG 18-Bit Bus Interface Flip-Flops With 3-State Outputs 56-TVSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 3??Digit A/D Converters with Bandgap Refrence
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
V7PD-15C V7PD-15C250H V7PD-15C120 V7PD-15C120H V7P |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
|
HIROSE ELECTRIC Co., Ltd. BEL[Bel Fuse Inc.]
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|