PART |
Description |
Maker |
FQA8N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STP4NC80Z STB4NC80ZT4 STB4NC80Z-1 STB4NC80Z STP4NC |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET N沟道800V.4欧姆4A条到22020FP采用D2PAK I2PAK稳压第三MOSFET的保护POWERMESH N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 2.4ohm - 4A条TO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STU9NB80 6748 |
N-CHANNEL 800V - 0.85 Ohm - 9.3A - TO-247 PowerMESH MOSFET From old datasheet system N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STB6NC80Z-1 STB6NC80ZT4 STP6NC80ZFP |
N-CHANNEL 800V 1.5OHM 5.4A TO-220/TO-220FP/D2PAK/I2PAK/ ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET
|
ST Microelectronics
|
STB12NK80Z-S |
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET N沟道800V 0.65ohm - 10.5A I2SPAK齐保护的SuperMESH功率MOSFET N-CHANNEL MOSFET with FAST DIODE N-CHANNEL 800V - 0.65 OHM - 10.5A I2SPAK ZENER-PROTECTED SUPERMESH MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFBE20 |
800V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A) Power MOSFET(Vdss=800V/ Rds(on)=6.5ohm/ Id=1.8A)
|
IRF[International Rectifier]
|
STB12NK80Z STB12NK80Z07 STP12NK80Z STW12NK80Z |
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH?/a> Power MOSFET N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH Power MOSFET N-channel 800V - 0.65楼? - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH垄芒 Power MOSFET N-channel 800V - 0.65ヘ - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics
|
STP5NB80 STP5NB80FP 6418 |
From old datasheet system N - CHANNEL 800V - 1.8W - 5A - TO-220/TO-220FP
PowerMESH] MOSFET N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP10NK80Z06 STP10NK80Z STP10NK80ZFP STW10NK80Z |
N-channel 800V - 0.78ヘ - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78惟 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78Ω - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
|
STMicroelectronics http://
|
STW9NB80 6446 |
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|