PART |
Description |
Maker |
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
STS1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A的SO - 8 MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STF12NK60Z STP12NK60Z F12NK60Z P12NK60Z |
N-CHANNEL 600V - 0.53 Ohm - 10A TO-220 / TO-220FP Zener-Protected SuperMESH?MOSFET N-CHANNEL 600V - 0.53 Ohm - 10A TO-220 / TO-220FP Zener-Protected SuperMESH⑩MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STF9NK60ZD STB9NK60ZD STB9NK60ZDT4 STP9NK60ZD |
N-CHANNEL 600V - 0.85 OHM - 7A TO-220/TO-220FP/D2PAK FAST DIODE SUPERMESH MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/TO-220FP/DPAK SUPERFREDMESH MOSFET From old datasheet system N-CHANNEL 600V - 0.85? - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET N-CHANNEL 600V - 0.85 - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FCA20N60F |
600V N-CHANNEL FRFET 20 A, 600 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
MMP60R380PC MMP60R380PCTH |
600V 0.38(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
STW45NM60 |
N-CHANNEL 600V - 0.09 OHM - 45A TO-247 MDMESH POWER MOSFET N-CHANNEL 600V - 0.09 OHM - 45A TO-247 MDMESH POWER MOSFET N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmesh Power MOSFET N-CHANNEL 600V - 0.09ohm - 45A TO-247 MDmesh⑩Power MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
|