PART |
Description |
Maker |
SPEAR-09-H02206 |
SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
|
STMicroelectronics
|
SPEAR-09-H02206 |
SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
|
意法半导
|
SPEAR-09-P022 |
SPEAr Plus600 dual processor cores
|
STMicroelectronics
|
AT91R40008 AT91R40008-66AI |
AT91 ARM Thumb Microcontroller Incorporates the ARM7TDMI ARM Thumb Processor Core
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
AT91M43300-25CI AT91M43300 AT91M43300-12CC-1.8 AT9 |
ARM Thumb Microcontrollers ARM Thumb Microcontrollers 32-BIT, RISC MICROCONTROLLER, PBGA144
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
STIH314ZUA STIH314ZUB STIH414ZUA STIH418ZUB |
ARM Cortex-based, UHD 60 fps, multimedia connected client platform Multi-core ARM Cortex-based, UHD 60 fps, multimedia server platform
|
ST Microelectronics
|
A3P1000-PQG208I A3P030-1CS100ES A3P030-1CS100PP A3 |
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
|
Microsemi Corporation
|
P19-0121 P19-2221 P19-0621 |
Two Part Spring Probe, 1.90mm centres, Spear Head INTERCONNECTION DEVICE Two Part Spring Probe, 1.90mm centres, Convex Head
|
Harwin PLC HARWIN INC
|