PART |
Description |
Maker |
RTL8201 |
SINGLE CHIP SINGLE PORT 10/100MBPS FAST ETHERNET PHYCEIVER
|
REALTEK
|
RTL8305SC RTL8305SC-LF |
SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
|
List of Unclassifed Manufacturers
|
AM79C875KD |
Ethernet TXRX Single Chip 4-Port 3.3V 10Mbps/100Mbps 100-Pin PQR
|
ADVANCED MICRO DEVICES INC
|
TL-SF1005D |
5-Port 10/100Mbps Desktop Switch
|
List of Unclassifed Man...
|
IP1718LF IP1718LF-DS-R01 IP1718LF-DS-R02 IP1718LF- |
18-port 10/100Mbps Smart Switch Controller
|
ETC
|
TE100-S88EPLUS TE100-S16EPLUS TE100-S16R TE100-S24 |
16-Port 10/100Mbps Fast Ethernet Switch
|
List of Unclassifed Manufacturers ETC[ETC]
|
MDS213 |
12-Port 10/100Mbps + 1Gbps Ethernet Switch
|
ZARLINK[Zarlink Semiconductor Inc]
|
SPL-53-FE-BD-CNA |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 100Mbps(Tx), 100Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
|
MAX3023 MAX13014 MAX13013 |
1.2V to 3.6V, 0.1µA, 100Mbps, Single-/Dual-/Quad-Level Translators 1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
|
MAXIM - Dallas Semiconductor
|
UT69151GBXD UT69151WBCR UT69151GBA4 UT69151GBAD UT |
Advanced 6-issue risc86 superscalar microarchitecture processor Type: GDDR3; GPU Clock (MHz): 590; Memory Clock (MHz): 500; Stream Processing Units: 4 pixel shaders, 2 vertex shaders; ATI CrossFireX Ready Ethernet CTLR Single Chip 10Mbps/100Mbps 3.3V/3.3V/3.3V 160-Pin PQFP Tray ETHERNET:MEDIA ACCESS CONTROLLER (MAC) Elansc400 single-chip, low-power, PC/AT-compatible microcontroller 接口IC Interface IC 接口IC
|
Golledge Electronics, Ltd. Vectron International, Inc.
|
MAX13013EXT MAX13013EXTT |
1.2V to 3.6V, 0.1µA, 100Mbps, Single-/Dual-/Quad-Level Translators
|
MAXIM - Dallas Semiconductor
|
KSZ8893FQL KSZ8893FQL-FX |
Single-Chip 3-Port Switch with Fiber Support
|
Micrel Semiconductor
|