PART |
Description |
Maker |
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
SZ5A2.41 SZ5A8.2SMTX SZ5A8.2TX SZ5A6.2SMSTX SZ5B6. |
2.4 ?200 VOLTS ZENER DIODES 8.2 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS, SM, 2 PIN 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 6.2 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS, SMS, 2 PIN 6.2 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS, SM, 2 PIN 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 130 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 68 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 160 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 22 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 110 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.6 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 47 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 28 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 36 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.5 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 25 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc Solid State Devices, Inc. SOLID STATE DEVICES INC
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
015AZ3.0 015AZ3.6 015AZ3.9 015AZ5.1 015AZ5.6 015AZ |
15.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.515 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.925 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.075 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.24 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.225 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.525 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.835 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.775 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 9.35 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.68 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.05 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.5 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.215 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.465 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN Constant-Voltage Regulation Applications
|
Nihon Dempa Kogyo Co., Ltd. Toshiba, Corp. NIC Components, Corp. Toshiba Semiconductor
|
015AZ5.1-Z 015AZ6.8-Y 015AZ6.2-Y 015AZ5.1-Y 015AZ5 |
5.27 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.81 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.195 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.105 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.62 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.155 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.93 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.395 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.75 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.27 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.625 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.465 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.39 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.805 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.195 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.675 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.645 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.375 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.985 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 11.33 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Toshiba, Corp. Nihon Dempa Kogyo Co., Ltd.
|
PESD5V0L1UA PESD5V0L1UB PESD5V0L1UL |
Low capacitance unidirectional ESD protection diodes 42 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors N.V.
|
BZW06-171 BZW06-5V807 BZW06-58 BZW06-85 BZW06-8V5 |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
Diotec Semiconductor AG
|
STM8057 STM8057R |
120000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 120 kWATTS 840 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
TGL3468 TGL34-10 TGL34-100 TGL34-100A TGL34-10A TG |
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
P6KE6.8A P6KE7.5A P6KE9.1A P6KE180 P6KE8.2 P6KE43 |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Quadruple 1-of-2 Data Selectors/Multiplexers with 3-State Outputs 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
|