PART |
Description |
Maker |
BF822 BF820_822_3 BF820 BF820/T1 |
NPN high voltage transistors TRANSISTOR HIGH VOLTAGE NPN high-voltage transistors From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
MAX6459UTCT MAX6459UTB MAX6459UTBT MAX6457UKD0A MA |
High-Voltage, Low-Current Voltage Monitors in SOT Packages
|
MAXIM - Dallas Semiconductor
|
MAX6459UTC MAX6458UKD-T |
High-Voltage, Low-Current Voltage Monitors in SOT Packages
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC6101 LTC6101CHS5 LTC6101HV LTC6101ACMS8 LTC6101 |
High Voltage, High-Side Current Sense Amplifier in SOT-23
|
LINER[Linear Technology]
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
Q62702-F1066 BFN25 BFN27 Q62702-F977 |
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MPSA42 MPSA43 |
(MPSA43) NPN high-voltage transistors NPN high-voltage transistors(NPN高压型晶体管)
|
PHILIPS[Philips Semiconductors]
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
X60003B-5006 X60003BIG3-50T1 X60003BIG3Z-50T1 X600 |
Precision 5.0V SOT-23 FGA Voltage Reference(精密5.0V SOT-23 FGA电压基准) Precision 5.0V SOT-23 FGA⑩ Voltage Reference Precision 5.0V SOT-23 FGA?/a> Voltage Reference
|
Xicor Inc. INTERSIL[Intersil Corporation]
|
LTC6101BHS5PBF LTC6101BHS5TR LTC6101BHS5TRM LTC610 |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C SPECIALTY ANALOG CIRCUIT, PDSO5 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SPECIALTY ANALOG CIRCUIT, PDSO8 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO5 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO8 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C SPECIALTY ANALOG CIRCUIT, PDSO8 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SPECIALTY ANALOG CIRCUIT, PDSO5
|
Linear Technology, Corp.
|