PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF7204 IRF7204TR |
TRI N PLUG M 0-48 NO SEAL Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A) -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF7404QPBF |
HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040Ω ) HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040ヘ )
|
International Rectifier
|
IRLZ44ZSPBF IRLZ44Z IRLZ44ZL IRLZ44ZLPBF IRLZ44ZPB |
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5mΩ , ID = 51A) AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5mヘ , ID = 51A)
|
IRF[International Rectifier]
|
IRF7524D1 |
Co-packaged HEXFET Power MOSFET and Schottky Diode(同封HEXFET晶体管和肖特基二极管) FETKY⑩ MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V) HEXFET? Power MOSFET FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
|
IRF[International Rectifier]
|
IRF7700 |
Power MOSFET(Vdss=-20V)
|
IRF[International Rectifier]
|
IRF7459 IRF7459TR |
20V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A) 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 12A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFU3704 IRFR3704 |
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A? Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A) Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A?)
|
IRF[International Rectifier]
|
IRLR3714PBF |
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m, ID = 36A )
|
International Rectifier
|
IRF7755 |
Power MOSFET(Vdss=-20V) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRF5852 |
Power MOSFET(Vdss=20V) HEXFET Power MOSFET
|
IRF[International Rectifier]
|