PART |
Description |
Maker |
1N6377RL4 MPTE-12RL4 MPTE-12G 1N6374RL4 ONSEMICOND |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
ICTE-12 ICTE-5 1N6376 ICTE-10 ICTE-15 MPTE-8 1N637 |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors Zener 9.4V 1500W Zener 52.9V 1500W Zener 6.0V 1500W Zener 17.6V 1500W Zener 25.9V 1500W Zener 42.4V 1500W 1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor]
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
1.5KE 1.5KE440 1.5KE7.5A 1.5KE6.8A 1.5KE8.2A 1.5KE |
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
UNIOHM CORPORATION
|
1.5KE180 15KE 1.5KE51 1.5KE18A 1.5KE68A 1.5KE43A 1 |
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
BYTES[Bytes]
|
1.5KE 1.5KE91CA 1.5KE100A 1.5KE100CA 1.5KE10A 1.5K |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
|
DBLECTRO[DB Lectro Inc] http://
|
1.5SMCJ36A 1.5SMCJ58A 1.5SMCJ6.5A 1.5SMCJ6.0A 1.5S |
SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
|
Panjit International Inc
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
TFMBG150A |
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
|
Rectron Semiconductor
|
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|