PART |
Description |
Maker |
ISL38001C-CD ISL38001C-EVAL |
PTSE 8C 8#20 STR PLUG Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 RoHS Compliant: No ISL38001C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38001C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
BCM94326 BCM4326 |
AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单芯片电机及电子学工程师联合会支持802.11b / g MAC /基频/收音机集成CPU
|
Broadcom, Corp. Broadcom Corp.
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
MAX2820AETM-TD MAX2821AETMTD MAX2820AETMTD MAX2820 |
2.4GHz 802.11b Zero-IF Transceivers
|
Maxim Integrated Products KOA Speer Electronics, Inc. Maxim Integrated Produc...
|
MAAP-008516-001SMB MAAP-008516 MAAP-008516-TR3000 |
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
|
M/A-COM Technology Solutions, Inc.
|
HN-208EG-100 |
Family of 802.11b Wireless Data Modems
|
RF Monolithics, Inc.
|
BCM4317 |
AirForce One Single-Chip 802.11b Transceiver
|
Broadcom
|
ZG2100M ZG2100MC ZG2101M ZG2101MC |
2.4 GHz 802.11b Low Power Transceiver Module
|
Microchip Technology
|
RF5325SR RF5325TR7 RF5325SQ RF5325PCK-410 |
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
|
RF Micro Devices
|
VNT6656G6A10 |
(VNT6656G6A10 / VNT6656G6A40) 802.11b/g USB Embedded Module
|
VIA
|