PART |
Description |
Maker |
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
2N5754 2N5755 2N5756 2N5757 |
2.5-A silicon triac. Voltage(typ) 600 V. 2.5-A silicon triac. Voltage(typ) 400 V. 2.5-A silicon triac. Voltage(typ) 200 V. 2.5-A silicon triac. Voltage(typ) 100 V. 2.5-A Silicon Triacs
|
General Electric Solid State Solid State Optronic N.A.
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
SMCG5643A SMCJ5637 SMCG5653 SMCJ5660 SMCJ5661A SMC |
Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB Zener Diode; Zener Voltage Typ, Vz:200V; Vz Test Current, Izt:65mA; Power Dissipation, Pd:50W; Package/Case:DO-5; Mounting Type:Through Hole 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Exclusive-NOR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-NOR Gate 14-PDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-CDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SOIC -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-PDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-CDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-TSSOP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SO -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-TSSOP -55 to 125 CMOS Quad Exclusive-NOR Gate 14-CDIP -55 to 125
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
MX27L1000 MX27L1000MC-12 MX27L1000MC-15 MX27L1000M |
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 TRIM POT 500 OHM 3MM SQUARE SMD TRIM POT 50K OHM 3MM SQUARE SMD
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. MCNIX[Macronix International]
|
E0C6S48 |
Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|